Part Number Hot Search : 
HER204 1N582 53248 B410000 QFP144 05121 NSA341 MXP2001
Product Description
Full Text Search
 

To Download MUR1020FCTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur1005fct thru mur1040fct 10 amp isolation super fast recovery rectifier 50 to 400 volts features low power loss, high efficiency low forward voltage, high current capability high surge capacity super fast recovery times, high voltage case : ito-220ab full molded plastic package maximum ratings operating junction temperature: -50 c to +150 c storage temperature: -50 c to +150 c mcc catalog number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur1005fct 50v 35v 50v mur1010fct 100v 70v 100v mur1015fct 150v 105v 150v mur1020fct 200v 140v 200v mur1030fct 300v 210v 300v                        mcc www. mccsemi .com pin 1 pin 3 pin 2 a b c k j i h g e d n m l h  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 ito-220ab mur1040fct 400v 280v 400v pin 13 2 o --- .055 --- 1.40         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    revision: 1 2004/04/27 electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10a t c =100 peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 1005fct-1020fct 1030fct-1040fct v f 0.95v 1.30v i fm = 5.0a; t c = 25 maximum dc reverse current at rated dc blocking voltage i r 10a 50 0 a t c = 25 t c = 100 typical junction capacitance c j 62pf measure at 1mhz, v r =4.0v typical thermal resistance junction to case r jc 3.0 /w maximum reverse recovery time 1005fct-1020fct 1030fct-1040fct t rr 35ns 50ns i f =0.5a, i r =1.0a, i rr =0.25a single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20% tm micro commercial components
rating and characteristic curves instantaneous forward current fig.2-typicalinstantaneousfor ward characteristic instantaneousforward voltage, volts average forward current fig.1-for ward currentderating curve case temperature, c o 0 50 100 150 12.5 10.0 7.5 5.0 2.5 0 1.0 1.2 1.4 1.6 1.8 2.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 tj=25 c o pulse width=200 s m fig.3- typicalreversecharacteristic instantaneous reverse current , micro amperes 0 100 200 300 1000 100 10 1.0 0.1 t=100c c o t=75c c o t=25c c o peak forward surge current fig.4-maximumnon-repetitive surgecurrent no. of cycle at 60hz 80 100 120 140 160 60 40 20 12 51020 50100 capacitance, pf fig.5-typicaljunctioncapacitance reversevoltage, volts 1 2 5 10 20 50 100 50 40 30 20 60 10 0 200 500 20 t=25c j o 0 70 80 percentof peak reversevoltage .8.6 1000 50,100,150,200v 300, 400v mur100 5 fct thru mur10 40fct mcc www . mccsemi .com revision: 1 2004/04/27 tm micro commercial components


▲Up To Search▲   

 
Price & Availability of MUR1020FCTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X